전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2301IPAG 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2301IPAG
상세설명  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IPAG 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TSC2301IPAG Datasheet HTML 9Page - Texas Instruments TSC2301IPAG Datasheet HTML 10Page - Texas Instruments TSC2301IPAG Datasheet HTML 11Page - Texas Instruments TSC2301IPAG Datasheet HTML 12Page - Texas Instruments TSC2301IPAG Datasheet HTML 13Page - Texas Instruments TSC2301IPAG Datasheet HTML 14Page - Texas Instruments TSC2301IPAG Datasheet HTML 15Page - Texas Instruments TSC2301IPAG Datasheet HTML 16Page - Texas Instruments TSC2301IPAG Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
www.ti.com
609
609.2
609.4
609.6
609.8
610
610.2
610.4
610.6
610.8
611
2.5
3
3.5
Vdd (V)
720
722
724
726
728
730
2.5
3
3.5
Vdd (V)
8.5
8.6
8.7
8.8
8.9
9
2.5
3
3.5
Vdd (V)
0
0.075
0.15
0.225
0.3
0.375
0.45
2.5
3
3.5
Vdd (V)
3
3.25
3.5
3.75
4
4.25
4.5
2.5
3
3.5
Vdd (V)
1.0836
1.0857
1.0878
1.0899
2.5
3
3.5
Vdd (V)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
TEMP2 DIODE VOLTAGE
TEMP1 DIODE VOLTAGE
INTERNAL OSCILLATOR
vs
vs
FREQUENCY
SUPPLY VOLTAGE
SUPPLY VOLTAGE
vs
SUPPLY VOLTAGE
Figure 25.
Figure 26.
Figure 27.
DAC MAXIMUM CURRENT
PD SUPPLY CURRENT
INL MAXIMUM
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 28.
Figure 29.
Figure 30.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com