| 전자부품 데이터시트 검색엔진 |
|
30WQ03FN 데이터시트(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
30WQ03FN 데이터시트(HTML) 5 Page - International Rectifier |
|
5 / 6 page ![]() 30WQ03FN PD-20559 rev. B 10/98 5 www.irf.com Tape & Reel Information TR FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 12.1 (0.48) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 11.9 (0.47) 1.85 (0.07) TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR. 13 (0.52) DIA. DIA. MAX. 375 (14.17) 50 (1.97) DIA. 22.4 (0.88) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 6.8 (0.26) 7.0 (0.28) TRR FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 8.1 (0.32) 1.85 (0.07) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 7.9 (0.31) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 10.4 (0.41) 10.6 (0.42) DIA. TRL FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 8.1 (0.32) 1.85 (0.07) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 7.9 (0.31) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 10.4 (0.41) 10.6 (0.42) DIA. DIA. DIA. DIA. DIA. Marking Information EXAMPLE: THIS IS AN 30WQ03FN 5K3A 30WQ03FN 9712 INTERNATIONAL RECTIFIER LOGO PART NUMBER DATE CODE (YYWW) YY = YEAR WW = WEEK ASSEMBLY LOT CODE (K) (A) (A) |