| 전자부품 데이터시트 검색엔진 |
|
KP1510HTL 데이터시트(PDF) 3 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KP1510HTL 데이터시트(HTML) 3 Page - COSMO Electronics Corporation |
|
3 / 14 page ![]() Cosmo Electronics Corp. Document No. 69P51006.2 - 3 - http://www.cosmo-ic.com cosmo KP1510 Series 8PIN IGBT GATE DRIVE PHOTOCOUPLER Absolute Maximum Ratings (Ta = 25°C) Parameter Symbol Rating Unit Storage temperature TSTG -55 to +125 ℃ Operating temperature TOPR -40 to +115 ℃ Junction temperature TJ -30 to +125 ℃ Lead wave solder temperature TSOL 260 for 10 Secs ℃ Average input current IF(AVG) 20 mA Peak transient forward current (10) IF(PEAK) 1 A Operating frequency (11) f 50 KHz Reverse input voltage VR 5 V Peak output current (1) IO(PEAK) 2.5 A Supply voltage TA≧90°C VCC -VEE 0 to 35 V 0 to 30 Peak output voltage VO(PEAK) 0 to VCC V Input signal rise and fall time tR(IN) – tF(IN) 500 ns Input power dissipation (2)(4) PDI 45 mW Output power dissipation (3)(4) PDO 250 mW Recommended Operating Conditions Parameter Symbol Rating Unit Ambient operating temperature TA -40 to +115 ℃ Power supply VCC -VEE 15 to 30 V Input current (On) IF(ON) 7 to 16 mA Input voltage (Off) VF(OFF) -3.6 to 0.8 V Isolation Characteristics Parameter Symbol Rating Min. Typ. Max. Unit Input-output isolation voltage VISO VA=25 ,R.H.<50%,t ℃ -1.0min, I1-O≦10uA,50Hz (5)(6) 5000 — — VRMS Isolation resistance RISO V1-O=500V (5) 10 11 — — Ω Isolation capacitance CISO V1-O=0V, Freq=1.0MHz (5) — — 1 pF |