전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3677 데이터시트(PDF) 21 Page - ams AG

부품명 AS3677
상세설명  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3677 데이터시트(HTML) 21 Page - ams AG

Back Button AS3677_17 Datasheet HTML 17Page - ams AG AS3677_17 Datasheet HTML 18Page - ams AG AS3677_17 Datasheet HTML 19Page - ams AG AS3677_17 Datasheet HTML 20Page - ams AG AS3677_17 Datasheet HTML 21Page - ams AG AS3677_17 Datasheet HTML 22Page - ams AG AS3677_17 Datasheet HTML 23Page - ams AG AS3677_17 Datasheet HTML 24Page - ams AG AS3677_17 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
ams Datasheet
Page 21
[v1-32] 2016-Sep-27
Document Feedback
AS3677 − Detailed Description
Charge Pump Mode Switching
If automatic mode switching is enabled (cp_mode_
switching =00 or cp_mode_switching = 01) the charge pump
monitors the current sinks, which are connected via an LED to
the output CPOUT. To identify these current sources (sinks), the
registers CP mode Switch1 and CP mode Switch2 (register bits
rgb1_on_cp to rgb3_on_cp, curr1_on_cp, curr2_on_cp and
curr6_on_cp) should be setup before starting the charge pump
cp_on = 1. If any of the voltage on these current sources drops
below the threshold (currlv_switch, currhv_switch), the next
higher mode is selected after the debounce time.
If the currX_on_cp=0 and the according current sink is
connected to the charge pump, the current sink will be
functional, but there is no up switching of the charge pump, if
the voltage compliance is too low for the current sink to supply
the specified current.
Figure 27:
Automatic Mode Switching

 
 

!"#$
"
% "&'" %
 !( % '
)
)
*$"  
% + %

,
##
-*.
-/ 
0-
0-
$ 
$ 
0-1
$1
2
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More