전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2967IBPX-2626 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LP2967IBPX-2626
상세설명  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBPX-2626 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2967IBPX-2626 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 9Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 10Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 11Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 12Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 13Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 14Page - National Semiconductor (TI) LP2967IBPX-2626 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Typical performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/OFF
= 1.6V, I
L = 1mA, TA = 25˚C. (Continued)
LP2967-2.5V Turn-On Time (2nd Output OFF)
LP2967-2.5V Turn-On Time (2nd Output ON)
10114240
10114241
Output Impedance vs Frequency
Ripple Rejection vs Frequency
10114248
10114249
Ripple Rejection vs Frequency
Ripple Rejection vs Frequency
10114250
10114251
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com