| 전자부품 데이터시트 검색엔진 |
|
GXB2000 데이터시트(PDF) 18 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
GXB2000 데이터시트(HTML) 18 Page - Sony Corporation |
|
18 / 60 page ![]() S-10 GXB2000 1-3-3. SK command (receiver geodesic system parameter setting) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 3 10100010 0xxxxxxx 11011010 Header Geodesic system Value range: 0 to 25 Terminator. "Z" + 80H — 18 — A2 12 DA Example After receiving the above command, the GPS side sends this command as a response. 1-3-4. AMI command (receive almanac data) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10100011 11011010 Header Terminator. "Z" + 80H — — A3 DA Example No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10100100 11011010 Header Terminator. "Z" + 80H — — A4 DA Example After receiving the above command, the GPS side sends this command as a response. The NAVI (PC) side receives this command and then sends the almanac data to the GPS side. 1-3-5. AMO command (transmit almanac data) After receiving the above command, the GPS side sends this command as a response, followed by the almanac data. 1-3-6. CD command (initialize almanac data area and cold start) No. BIT 76543210 Contents Setting value Input data (HEX) 1 2 10100101 11011010 Header Terminator. "Z" + 80H — — A5 DA Example After receiving the above command, the GPS side sends this command as a response. |