전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSDP2115S 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 HSDP2115S
상세설명  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2115S 데이터시트(HTML) 2 Page - OSRAM GmbH

  HSDP2115S Datasheet HTML 1Page - OSRAM GmbH HSDP2115S Datasheet HTML 2Page - OSRAM GmbH HSDP2115S Datasheet HTML 3Page - OSRAM GmbH HSDP2115S Datasheet HTML 4Page - OSRAM GmbH HSDP2115S Datasheet HTML 5Page - OSRAM GmbH HSDP2115S Datasheet HTML 6Page - OSRAM GmbH HSDP2115S Datasheet HTML 7Page - OSRAM GmbH HSDP2115S Datasheet HTML 8Page - OSRAM GmbH HSDP2115S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2006-01-23
2
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
Package Outlines
Dimensions in inch (mm)
Enlarged Character Font
Dimensions in inch (mm)
Ordering Information
Type
Color of Emission
Character Height
[inch] ([mm])
Ordering Code
HSDP2110S
red
0.200 (5.10)
Q68000A8560
HSDP2111S
yellow
Q68000A8561
HSDP2112S
high efficiency red
Q68000A8562
HSDP2113S
green
Q68000A8563
HSDP2114S
high efficiency green
Q68000A8564
HSDP2115S
soft orange
Q68000A8907
IDOD5019
5.34 (0.210)
42.67 (1.680) max.
2.67 (0.105)
Pin 1
Indicator
15.24 (0.600)
0.3 (0.012) typ.
2.19 (0.086)
4.79 (0.189)
2.54 (0.100) typ.
0.46 (0.018) typ.
HDSP211X Z
OSRAM
YYWW
V
Y
Part Number
Code
EIA Date
Intensity
Code
Color Bin
IDOD5201
C1
C2
C3
C4
C5
R1
R2
R3
R4
R5
R6
R7
2.85 (0.112)
0.65 (0.026) typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16