전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4140 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH4140
상세설명  High Power Infrared Emitter (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4140 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH4140 Datasheet HTML 1Page - OSRAM GmbH SFH4140 Datasheet HTML 2Page - OSRAM GmbH SFH4140 Datasheet HTML 3Page - OSRAM GmbH SFH4140 Datasheet HTML 4Page - OSRAM GmbH SFH4140 Datasheet HTML 5Page - OSRAM GmbH SFH4140 Datasheet HTML 6Page - OSRAM GmbH SFH4140 Datasheet HTML 7Page - OSRAM GmbH SFH4140 Datasheet HTML 8Page - OSRAM GmbH SFH4140 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2016-03-01
2
Version 1.3
SFH 4140
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operation and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
5
V
Forward current
I
F
100
mA
Surge current
(t
p ≤ 300 µs, D = 0)
I
FSM
1
A
Power consumption
Ptot
180
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - ambient
RthJA
450
K / W
Thermal resistance junction - solder point
RthJS
200
K / W
Thermal resistance junction - ambient 1) page 12
R
thJA
450
K / W
Thermal resistance junction - soldering point
2) page 12
R
thJS
200
K / W
Parameter
Symbol
Values
Unit
Peak wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
λpeak
950
nm
Centroid wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
λcentroid
940
nm
Spectral bandwidth at 50% of Imax
(I
F = 100 mA, tp = 20 ms)
(typ)
∆λ
42
nm
Half angle
(typ)
ϕ
± 25
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Dimensions of active chip area
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
(I
F = 100 mA, RL = 50 Ω)
(typ)
tr, tf
12
ns
Forward voltage
(I
F = 100 mA, tp = 20 ms)
(typ (max)) V
F
1.5 (≤ 1.8)
V
Forward voltage
(IF = 1 A, tp = 100 µs)
(typ (max)) V
F
2.3 (≤ 3)
V
Reverse current
(VR = 5 V)
IR
not designed for
reverse operation
µA
Total radiant flux
(I
F=100 mA, tp=20 ms)
(typ)
Φe
55
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com