전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4257R 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH4257R
상세설명  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4257R 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH4257R Datasheet HTML 1Page - OSRAM GmbH SFH4257R Datasheet HTML 2Page - OSRAM GmbH SFH4257R Datasheet HTML 3Page - OSRAM GmbH SFH4257R Datasheet HTML 4Page - OSRAM GmbH SFH4257R Datasheet HTML 5Page - OSRAM GmbH SFH4257R Datasheet HTML 6Page - OSRAM GmbH SFH4257R Datasheet HTML 7Page - OSRAM GmbH SFH4257R Datasheet HTML 8Page - OSRAM GmbH SFH4257R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2014-02-12
1
2014-02-12
High Power Infrared Emitter (850 nm)
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
Version 1.1
SFH 4257R
Features:
Besondere Merkmale:
• Infrared LED with high power output
• Infrarot LED mit hoher Ausgangsleistung
• Peak wavelength typ. 850 nm
• Emissionswellenlänge typ. 850 nm
• Black coloured TOPLED-package
• Schwarz eingefärbtes TOPLED-Gehäuse
• Improved imaging characteristics due to absorption
of side emission
• Verbesserte Abbildungseigenschaften durch
Absorption der Seitenstrahlung
Applications
Anwendungen
• Miniature and long distance photointerrupters (in
combination with external optics)
• Miniaturlichtschranken und Lichtschranken über
große Entfernungen (bei Verwendung einer
externen Optik)
• Rain Sensors
• Regensensoren
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


유사한 부품 번호 - SFH4257R

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
432Kb / 13P
High Power Infrared Emitter
logo
ams AG
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
logo
OSRAM GmbH
SFH4257-Q OSRAM-SFH4257-Q Datasheet
432Kb / 13P
High Power Infrared Emitter
logo
ams AG
SFH4257-Q AMSCO-SFH4257-Q Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
More results

유사한 설명 - SFH4257R

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4052 OSRAM-SFH4052 Datasheet
367Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com