전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBT2907AL 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MMBT2907AL
상세설명  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907AL 데이터시트(HTML) 3 Page - ON Semiconductor

  MMBT2907AL Datasheet HTML 1Page - ON Semiconductor MMBT2907AL Datasheet HTML 2Page - ON Semiconductor MMBT2907AL Datasheet HTML 3Page - ON Semiconductor MMBT2907AL Datasheet HTML 4Page - ON Semiconductor MMBT2907AL Datasheet HTML 5Page - ON Semiconductor MMBT2907AL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2907AL, SMMBT2907AL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1000
10
1.0
TJ = 150°C
25
°C
-55
°C
10
100
1000
VCE = 10 V
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
-0.4
-0.6
-0.8
-1.0
-0.2
0
IC = -1.0 mA
-0.005
-10 mA
-0.01
-100 mA
-500 mA
-0.02 -0.03 -0.05 -0.07 -0.1
-0.2
-0.3
-0.5 -0.7 -1.0
-2.0
-3.0
-5.0 -7.0 -10
-20
-30
-50
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT
300
-5.0
Figure 6. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
-5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300
-500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = -30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
-7.0 -10
-20 -30
-50 -70 -100
-200 -300 -500
200
tf
t
′s = ts - 1/8 tf
VCC = -30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com