전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28PCIe16ALCT 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SL28PCIe16ALCT
상세설명  Low power push-pull type differential output buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALCT 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SL28PCIe16ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 12Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 11 of 12
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
SL28PCIe16ALC
32-pin QFN
Commercial, 0
 to 85C
SL28PCIe16ALCT
32-pin QFN–Tape and Reel
Commercial, 0
 to 85C
SL28PCIe16ALI
32-pin QFN
Industrial, -40
 to 85C
SL28PCIe16ALIT
32-pin QFN–Tape and Reel
Industrial, -40
 to 85C
Package Diagrams
32-Lead QFN 5 x 5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13