전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FRC616 데이터시트(PDF) 4 Page - Aplus Intergrated Circuits

부품명 FRC616
상세설명  Recording Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APLUS [Aplus Intergrated Circuits]
홈페이지  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

FRC616 데이터시트(HTML) 4 Page - Aplus Intergrated Circuits

  FRC616 Datasheet HTML 1Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 2Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 3Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 4Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 5Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 6Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 7Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 8Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
INTEGRATED CIRCUITS INC.
aFRC616
Ver. 1.0
4/17
DESCRIPTION
The aFRC616 is the powerful audio processor along with high performance audio
analog-to-digital converters (ADCs) and digital-to-analog converters (DACs). The
aFRC616 is a fully integrated solution offering high performance and unparalleled
integration with analog input, digital processing and analog output functionality. The
aFRC616 incorporates all the functionality required to perform demanding audio/voice
applications. High quality audio/voice systems with lower bill-of-material costs can be
implemented with the aFRC616 because of its integrated analog data converters and full
suite of quality-enhancing features such as sample-rate convertor.
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17