전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P89021 데이터시트(PDF) 17 Page - Aplus Intergrated Circuits

부품명 P89021
상세설명  VOICE OTP IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APLUS [Aplus Intergrated Circuits]
홈페이지  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89021 데이터시트(HTML) 17 Page - Aplus Intergrated Circuits

Back Button P89021 Datasheet HTML 10Page - Aplus Intergrated Circuits P89021 Datasheet HTML 11Page - Aplus Intergrated Circuits P89021 Datasheet HTML 12Page - Aplus Intergrated Circuits P89021 Datasheet HTML 13Page - Aplus Intergrated Circuits P89021 Datasheet HTML 14Page - Aplus Intergrated Circuits P89021 Datasheet HTML 15Page - Aplus Intergrated Circuits P89021 Datasheet HTML 16Page - Aplus Intergrated Circuits P89021 Datasheet HTML 17Page - Aplus Intergrated Circuits P89021 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
17
CPU Parallel Mode
Fig. 14 5V CPU Control with COUT
Note:
1. C1 is capacitor from 0.1uF to 4.7uF depends on the kind of Vdd source and sound loudness.
2. Rb is base resistor from 120 Ohm to 390 Ohm depends on Vdd value and transistor gain.
3. T is an NPN transistor with beta larger than 150.
4. Reference value for the above components are C = 2.2uF, Rb = 390 Ohm and T = 8050D.
5. Refer to the Oscillator Resistor Table for suitable value of Rosc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com