전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PR33A3 데이터시트(PDF) 12 Page - Aplus Intergrated Circuits

부품명 PR33A3
상세설명  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APLUS [Aplus Intergrated Circuits]
홈페이지  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 데이터시트(HTML) 12 Page - Aplus Intergrated Circuits

Back Button PR33A3 Datasheet HTML 8Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 9Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 10Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 11Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 12Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 13Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 14Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 15Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 16Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
12/27
JAN 06 2014
Note: The 10K resistor used for input signal adjust, and the value just for reference.
(B) Line-In
Note: The 10K resistor used for input signal adjust, and the value just for reference.
(C) Microphone + Line-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27