| 전자부품 데이터시트 검색엔진 |
|
IRL3303L 데이터시트(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRL3303L 데이터시트(HTML) 8 Page - International Rectifier |
|
8 / 10 page ![]() IRL3303S/L D2Pak Package Outline D2Pak Part Marking Information 10.16 (.400) RE F . 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) RE F. - B - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 ( .415) 10.29 ( .405) - A - 2 1 3 15.49 (.610) 14.73 (.580) 3X 0.93 (.037) 0.69 (.027) 5.08 ( .200) 3X 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) MAX. NO TE S: 1 DIM ENS IO NS AF T ER S OLDE R DIP . 2 DIM ENS IO NING & TO LERA NCING PE R ANS I Y 14.5M, 1982. 3 CO NT RO LLING DIME NSIO N : INCH. 4 HE AT SINK & LEAD DIMEN SION S DO NO T INCLUDE BURRS. 0.55 (.022) 0.46 (.018) 0.25 (.010) M B A M MINIMUM RECO MM ENDED F OO TP RINT 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2X LE AD ASS IG NM ENT S 1 - G AT E 2 - DRA IN 3 - S OU RC E 2.54 (.100) 2X PART NU MBER IN TER NATION AL REC TIFIER L OGO DATE CODE (YYW W ) YY = YEAR WW = WEE K AS SEMBLY LOT CODE F53 0S 9B 1M 9246 A |