| 전자부품 데이터시트 검색엔진 |
|
KT1007TLD 데이터시트(PDF) 1 Page - COSMO Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
KT1007TLD 데이터시트(HTML) 1 Page - COSMO Electronics Corporation |
|
1 / 10 page ![]() Cosmo Electronics Corp. Document No. 69P00006.3 - 1 - http://www.cosmo-ic.com cosmo KT1000 Series 4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER Description The KT1000 series consist of an infrared emitting diode, optically coupled to a phototransistor detector, and is incorporated in a 4 pin LSOP wide body package. It features a high current transfer ratio, low coupling capacitance and high isolation voltage. Schematic 1. Anode 2. Cathode 3. Emitter 4. Collector Features 1. Halogen free 2. Pb free and RoHS compliant 3. High isolation voltage 5000Vrms 4. Opaque type, SMD low profile 4 lead package 5. Current transfer ratio (CTR : Min.50% at IF=5mA VCE=5V) 6. 8mm outer creepage distance 7. DC input with transistor output 8. MSL class 1 9. Agency Approvals: • UL Approved (No. E169586): UL1577 • c-UL Approved (No. E169586) • VDE Approved (No. 40031267): DIN EN60747-5-5 • FIMKO Approved: EN60065, EN60950, EN60335, EN60601 • CQC Approved: GB8898-2011, GB4943.1-2011 Applications • Hybrid substrates that require high density mounting. • Programmable controllers. • Switch mode power supplies. • Microprocessor system interface. 2 1 3 4 |
유사한 부품 번호 - KT1007TLD |
|
유사한 설명 - KT1007TLD |