전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P12C508 데이터시트(PDF) 5 Page - Microchip Technology

부품명 P12C508
상세설명  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 데이터시트(HTML) 5 Page - Microchip Technology

  P12C508 Datasheet HTML 1Page - Microchip Technology P12C508 Datasheet HTML 2Page - Microchip Technology P12C508 Datasheet HTML 3Page - Microchip Technology P12C508 Datasheet HTML 4Page - Microchip Technology P12C508 Datasheet HTML 5Page - Microchip Technology P12C508 Datasheet HTML 6Page - Microchip Technology P12C508 Datasheet HTML 7Page - Microchip Technology P12C508 Datasheet HTML 8Page - Microchip Technology P12C508 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 5
PIC12C5XX
2.0
PIC12C5XX DEVICE VARIETIES
A
variety
of
packaging
options
are
available.
Depending
on
application
and
production
requirements, the proper device option can be
selected using the information in this section. When
placing orders, please use the PIC12C5XX Product
Identification System at the back of this data sheet to
specify the correct part number.
2.1
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers expecting frequent code changes and
updates.
The OTP devices, packaged in plastic packages,
permit the user to program them once. In addition to
the program memory, the configuration bits must be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84