| 전자부품 데이터시트 검색엔진 |
|
PIC16F753 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F753 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 12 page ![]() 11 8-bit PIC®Microcontroller Solutions Local Interconnect Network (LIN) Microchip offers a LIN compatible USART on a wide variety of microcontrollers. We have recently taken our LIN offering to a new level by offering microcontrollers with integrated LIN transceivers. Embedded Ethernet Microchip addresses the growing demand for embedded Ethernet products with the ENC624J600, ENC424J600 and ENC28J60 as standalone Ethernet controllers, and the PIC18F97J60 family, which are IEEE 802.3™ compliant and fully compatible with 10/100/1000Base-T networks. Microchip’s Ethernet solution also includes a free and robust TCP/IP stack optimized for PIC microcontroller and dsPIC®digital signal controller families (www.microchip.com/tcpip). PIC Microcontrollers with Ethernet Development Tools PICDEM.net™ 2 Development Board (DM163024) ■ Supports ENC28J60 and PIC18F97J60 devices ■ Can be developed as web server PICtail™ Ethernet Daughter Board (AC164121) ■ Can be plugged to any of the PIC18 demonstration boards ■ Populated with ENC28J60 ■ Interfaces to RJ-45 female connector Controller Area Network (CAN) Microchip offers a complete line of 8-, 16- and 32-bit MCUs to meet the needs of high-performance embedded applications using the CAN bus. On-chip peripherals include A/D converters, comparators, motor control PWMs, USART (RS485, RS232, LIN) and Master I2C/SPI. Microchip’s Enhanced CAN Module ■ Supports CAN 1.2, CAN 2.0A and CAN 2.0B protocols ■ DeviceNet data bytes filter support ■ Standard and extended data frames ■ 0–8 bytes data length ■ Three modes of operation: • Mode 0: Legacy mode • Mode 1: Enhanced Legacy mode with DeviceNet support • Mode 2: FIFO mode with DeviceNet support ■ Six buffers programmable as RX/TX buffers PIC Microcontrollers with CAN & LIN Featured Ethernet Product Families Superset Device Pins MCU + Ethernet Integrated MAC + PHY Interface Hardware Security Pre-programmed MAC Additional Features PIC18F97J90 64–100 ü ü (10 Base-T) – – – IEEE 802.3™ compliant, Auto- negotiation, Configurable buffer ENC28J60 28 – ü (10 Base-T) SPI – – ENC624J600 44–64 – ü (10/100 Base-T) SPI/Parallel ü ü Featured CAN and LIN Product Families Superset Device Pins Flash (KB) CAN TX Buffers CAN RX Buffers LIN TX RX Voltage (V) Additional Features PIC18F4685 28–44 16–96 3 2 – 2–5.5 LIN USART PIC18F66K80 28–64 32–64 3 2 – 1.8–5.5 LIN USART PIC16F1829LIN 14 8K – – Integrated 2.3–5.5 LIN USART www.microchip.com/ethernet www.microchip.com/can www.microchip.com/lin |