전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4HD-EM 데이터시트(PDF) 20 Page - THOR communications

부품명 4HD-EM
상세설명  2ch or 4ch HD-SDI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THOR [THOR communications]
홈페이지  http://www.thorfiber.com
Logo THOR - THOR communications

4HD-EM 데이터시트(HTML) 20 Page - THOR communications

Back Button 4HD-EM Datasheet HTML 16Page - THOR communications 4HD-EM Datasheet HTML 17Page - THOR communications 4HD-EM Datasheet HTML 18Page - THOR communications 4HD-EM Datasheet HTML 19Page - THOR communications 4HD-EM Datasheet HTML 20Page - THOR communications 4HD-EM Datasheet HTML 21Page - THOR communications 4HD-EM Datasheet HTML 22Page - THOR communications 4HD-EM Datasheet HTML 23Page - THOR communications 4HD-EM Datasheet HTML 24Page - THOR communications Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
H-2/4HD-EM(S/H)
Figure-3
…..……………………………….....
NOTE
……..……..………………………….
The different combination of Video Format, Video Bit-rate, Low Delay Mode, the
Resolution of signal source and Decoding solution adopted on terminal side will have an
impact on the latency.
…………………………………………………………………………………………..……
For user to turn to refer detailed explanation of terms on this interface
Click this button to apply the default setting of Input 1
Click this button to apply the modified parameters.
This column is for setting
the 1
st SDI IN program.
This column is for setting
the 2
ed SDI IN program.
Encoding Status—Green light
indicate it works normally,
which otherwise turn to red.
General Settings
for the SDI IN
programs: User
can edit any item
listed as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27