| 전자부품 데이터시트 검색엔진 |
|
GWMAFJB1.EM-RUSR-30S3 데이터시트(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
GWMAFJB1.EM-RUSR-30S3 데이터시트(HTML) 3 Page - OSRAM GmbH |
|
3 / 19 page ![]() Draft Version 0.0 GW MAFJB1.EM 2013-12-02 3 DRAFT – For Reference only. Subject to change. Maximum Ratings Grenzwerte Parameter Symbol Values Unit Bezeichnung Symbol Werte Einheit Operating temperature range Betriebstemperatur Top -40 ... 85 °C Storage temperature range Lagertemperatur Tstg -40 ... 100 °C Junction temperature Sperrschichttemperatur Tj 125 °C Forward current Durchlassstrom (TS = 85 °C) IF 200 ... 1400 mA Surge current Stoßstrom (t <= 10 μs; D = 0.005; TS = 85 °C) IFM 4000 mA Reverse current 2) page 18 Sperrstrom 2) Seite 18 IR 20 mA ESD withstand voltage ESD Festigkeit (acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2) VESD 2kV |