전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEBH3W 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 LEBH3W
상세설명  Lead (Pb) Free Product - RoHS Compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBH3W 데이터시트(HTML) 2 Page - OSRAM GmbH

  LEBH3W Datasheet HTML 1Page - OSRAM GmbH LEBH3W Datasheet HTML 2Page - OSRAM GmbH LEBH3W Datasheet HTML 3Page - OSRAM GmbH LEBH3W Datasheet HTML 4Page - OSRAM GmbH LEBH3W Datasheet HTML 5Page - OSRAM GmbH LEBH3W Datasheet HTML 6Page - OSRAM GmbH LEBH3W Datasheet HTML 7Page - OSRAM GmbH LEBH3W Datasheet HTML 8Page - OSRAM GmbH LEBH3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2010-03-03
2
LE A H3W, LE T H3W, LE B H3W
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus einer
Helligkeitsgruppe. Es wird nur eine einzige Helligkeitsgruppe und Farbgruppe pro Verpackungsbox geliefert.
* Zum Zweck der Bemusterung kann in kleinen Stückzahlen der konfektionierte JST-Gegenstecker mit Kabel
angefordert werden.
Note:
The above Type Numbers represent the order groups which includes only one brightness group per color and
tray. Only one group will be shipped on each tray.
*In small amounts for the purpose of sampling the corrsponding connector assembled with cable can be
ordered.
Bestellinformation
Ordering Information
Typ
Type
Emissionsfarbe
Color of Emission
Lichstärke
1) Seite 19
Luminous
Intensity
1) page 19
I
F = 1 A
Ι
V (cd)
Lichtfluss
2) Seite 19
Luminous Flux
2) page 19
I
F = 1 A
Φ
V (lm)
LE A H3W-LAMA-34
amber
112 ...224
465 typ.
LE T H3W-MANA-25
true green
180 ...355
735 typ.
LE B H3W-JAKA-23
blue
45 ... 90
168 typ.
Bestellinformation
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
LE A H3W-LAMA-34
Q65110A7699
LE T H3W-MANA-25
Q65110A7704
LE B H3W-JAKA-23
Q65110A7702
LE_ACC_SHR_10V_SR
Q65110A4679 (Connector)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com