| 전자부품 데이터시트 검색엔진 |
|
SAMV71 데이터시트(PDF) 18 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMV71 데이터시트(HTML) 18 Page - ATMEL Corporation |
|
18 / 19 page ![]() 18 ASF • Issue #ASFP-3595: ASF includes its own SAM header files set which is not synchronized with the latest header files from Atmel Studio 6.1 toolchain. The Atmel Studio 6.1beta header files set for SAM devices is not backward compatible with the Atmel Studio 6.0 header files set. ASF SAM drivers are using their own set of header files (from sam/utils/cmsis/sam*/include) and are not compatible with the Atmel Studio 6.1beta header files. SAM drivers will be ported to the new Atmel Studio 6.1beta header files set in a later ASF release. • Issue #ASFP-4502: Some standalone ASF applications in Application Builder do not work. The following ASF modules are not available as standalone in the "Select Drivers from the ASF" menu, but only as examples: XMEGA Sleep Manager and ADC driver, AVR UC3 USB Stack from ASF v1, ECC Hamming, TLV320AIC23B codec,FAT file system with play list support, Joystick interface (5- way), MEMORY - EBI SDRAM Controller, MEMORY - MCI - MultiMedia Card Interface, MEMORY - SD/MMC card access using MCI, MEMORY - SD/MMC card access using SPI, MEMORY - NAND Flash on EBI, MEMORY - AT45DBX DataFlash, TOUCH - AT42QT1060 QTouch 6-channel sensor, MEMS Sensors - Accelerometer LIS3L06AL, TIMING - CS2200 Clock Synthesizer, LodePNG, FreeRTOS minimal, lwIP, Micrium uC/OSII, H&D Wi-Fi SPB Firmware Download. |