전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACTF4811/480.0/TO39-3 데이터시트(PDF) 2 Page - Advanced Crystal Technology

부품명 ACTF4811/480.0/TO39-3
상세설명  IF filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACT [Advanced Crystal Technology]
홈페이지  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4811/480.0/TO39-3 데이터시트(HTML) 2 Page - Advanced Crystal Technology

  ACTF4811/480.0/TO39-3 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4811/480.0/TO39-3 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel:
+44 118 979 1238
Fax:
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue 1 C1u
Date 17-04-2007
Page 2 of 2
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
A C Vo lt ag e B e twe en A n y Tw o Pin s
V PP
5
V
D C V olt a g e B e twe en Any Tw o Pi ns
V DC
0
V
S t or age temper at u r e ran ge
T st g
-40
t o
+85
Oper abl e tempe r atur e r ange
T A
-25
t o
+80
5-2. Electronic Characteristics
Reference temperature:
TA = 25
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
Group delay aperture:
0.25 MHz
Characteristic
Min.
Typ.
Max.
Unit
Center frequency
fC
479.00
480.00
481.00
MHz
Insertion attenuation
480.00 MHz
α
(Reference level for the following data)
--
22.0
24.0
dB
Pass bandwidth
αrel ≤ 3dB
B3dB
38.6
MHz
Relative attenuation
αrel
460.00 MHz
500.00 MHz
Lower sidelobe
420.00 ….451.00 MHz
Upper sidelobe
509.00 … 540.00 MHz
--
--
36.0
35.0
4.5
4.2
43.0
42.0
5.8
5.6
--
--
dB
dB
dB
dB
Reflected wave signal suppression
0.14μs … 2.0μs after main pulse
40.0
45.0
--
dB
Amplitude ripple (p-p)
467.00 … 493.00 MHz
Δ α
--
0.4
0.8
dB
Group delay ripple (p-p)
461.00 … 499.00 MHz
Δ
τ
--
11.0
18.0
ns
Temperature coefficient of frequency
TCf
--
-86
--
ppm/K
!CAUTION:
Electrostatic Sensitive Device. Observe precautions for handling!
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR ≤ 1.2:1. The test fixture L and C are adjusted for minimum
insertion loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and pass band shape are
dependent on the impedance matching component values and quality.
2.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
3.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
4.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2