| 전자부품 데이터시트 검색엔진 |
|
SHT35 데이터시트(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SHT35 데이터시트(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 20 page ![]() Datasheet SHT3x-DIS www.sensirion.com August 2016 - Version 3 17/20 Figure 15 Recommended metal land pattern (left) and stencil apertures (right) for the SHT3x-DIS. The dashed lines represent the outer dimension of the DFN package. The PCB pads (left) and stencil apertures (right) are indicated through the shaded areas. 6 Shipping Package Figure 16 Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right and trailer tape to the left on this drawing. Dimensions are given in millimeters. 1 0.55 0.3x45° 0.2 0.75 0.9 0.55 0.55 0.8 0.3 land pattern stencil aperture sensor outline TOLERANCES - UNLESS NOTED 1PL ±.2 2PL ±.10 A = 2.75 B = 2.75 K = 1.20 0 0 0 NOTES: 1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE ±0.2 2. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT POCKET HOLE 3. A0 AND B0 ARE CALCULATED ON A PLANE AT A DISTANCE "R" ABOVE THE BOTTOM OF THE POCKET A 0 K 0 B 0 R 0.25 TYP. SECTION A - A 0.30 ±.05 A R 0.2 MAX. 0.30 ±.05 2.00 ±.05 SEE Note 2 4.00 4.00 SEE Note 1 Ø1.5 +.1 /-0.0 Ø1.00 MIN 1.75 ±.1 12.0 +0.3/-0.1 5.50 ±.05 SEE NOTE 2 A B DETAIL B |