전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBT-QFE-3003 데이터시트(PDF) 2 Page - Ironwood Electronics.

부품명 CBT-QFE-3003
상세설명  Excellent signal integrity at high frequencies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFE-3003 데이터시트(HTML) 2 Page - Ironwood Electronics.

  CBT-QFE-3003 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4X
1.7000±0.1000 THRU ALL
15.40 (x4)
2X
0.8500±0.0250 THRU ALL
5.925±0.025
7.700±0.025
7.8225
5.2825
10.3625 (x8)
23.225
Socket Base Outline
4.4375*
12.35 (x4)
24.08
Bottom
Guide
24.08 Bottom Guide
M
0.025 A B
0.035 A B
1.25
0.346
0.65
DETAIL M
SCALE 6 : 1
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher than solder mask
*Note: QFE pattern is not symmetrical
with respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 1/8/2015
Material: Material <not specified>
Finish:
Weight: 68.72
CBT-QFE-3003 Drawing
SCALE: 3:1
SHEET: 2 OF 5
ENG: E. Smolentseva
FILE: CBT-QFE-3003 Dwg
DRAWN BY: M. Raske



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com