| 전자부품 데이터시트 검색엔진 |
|
MAC229-8FP 데이터시트(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MAC229-8FP 데이터시트(HTML) 2 Page - Motorola, Inc |
|
2 / 4 page ![]() MAC229FP Series MAC229AFP Series 2 Motorola Thyristor Device Data THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction to Case R θJC 2.2 °C/W Thermal Resistance, Case to Sink R θCS 2.2 (typ) °C/W Thermal Resistance, Junction to Ambient R θJA 60 °C/W ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Peak Blocking Current(1) (VD = Rated VDRM, Open Gate) TJ = 25°C TJ = 110°C IDRM — — — — 10 2 µA mA Peak On-State Voltage (ITM = 11 A Peak, Pulse Width p 2 ms, Duty Cycle p 2%) VTM — — 1.8 Volts Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 Ω) MT2(+), G(+); MT2(+), G(–); MT2(–), G(–) MT2(–), G(+) “A” Suffix Only IGT — — — — 5 10 mA Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 Ω) MT2(+), G(+); MT2(+), G(–); MT2(–), G(–) MT2(–), G(+) “A” Suffix Only (VD = Rated VDRM, TC = 110°C, RL = 10 k) MT2(+), G(+); MT2(+), G(–); MT2(–), G(–) MT2(–), G(+) “A” Suffix Only VGT — — 0.2 0.2 — — — — 2 2.5 — — Volts Holding Current (VD = 12 Vdc, ITM = 200 mA, Gate Open) IH — — 15 mA Gate-Controlled Turn-On Time (VD = Rated VDRM, ITM = 16 A Peak, IG = 30 mA) tgt — 1.5 — µs Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform, TC = 110°C) dv/dt — 25 — V/ µs Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 11.3 A, Commutating di/dt = 4.1 A/ms, Gate Unenergized, TC = 80°C) dv/dt(c) — 5 — V/ µs 1. Ratings apply for open gate conditions. Devices shall not be tested with a constant current source for blocking voltage such that the voltage applied exceeds the rated blocking voltage. 2.0 110 104 92 0 1.0 80 5.0 86 dc IT(RMS), RMS ON-STATE CURRENT (AMP) 98 α α = 30° 90 ° 60 ° α α = CONDUCTION ANGLE 120 ° 120 ° 180 ° 120 ° 3.0 4.0 6.0 7.0 8.0 2.0 0 1.0 5.0 3.0 4.0 6.0 7.0 8.0 10 8.0 6.0 4.0 2.0 0 α = CONDUCTION ANGLE α α TJ ≈ 110°C dc α = 180° 90 ° 60 ° 120 ° 30 ° IT(RMS), RMS ON-STATE CURRENT (AMP) |