| 전자부품 데이터시트 검색엔진 |
|
88813 데이터시트(PDF) 1 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
88813 데이터시트(HTML) 1 Page - Mallory performance club |
|
1 / 4 page ![]() MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 55 - 7 12 3 • F AX ( 91 5 ) 8 57 - 33 4 4 MSD Dual DIS-4 Harness PN 88813 Parts Included: 8 - Individual Cylinder Harnesses WARNING: During installation, disconnect the battery cables. When disconnecting the battery always remove the Negative cable first and install it last. Additional Parts Required: 4 - Ignition Adapters PN 89121 2 - DIS-4 Ignitions (PN 62152 or High Output PN 62153) Note: It is recommended that you have the Service Manual and wiring diagram for your vehicle before beginning the installation of the MSD DIS Ignition. Figure 1 shows the firing order for a Ford Modular motor. This chart contains MSD's recommendations for triggering the Dual DIS-4's versus Firing Order. See Figure 7 for Cylinder Identification. WIRING BLACK Connects to Ground. RED Connects to 12 volt (Ignition). INPUTS BROWN/WHITE Connects to the White wire going to the Coils and ECU. BROWN/GREEN Connects to the Green wire going to the Coils and ECU. OUTPUTS WHITE Connects to the White wire going to the MSD DIS Ignition. GREEN Connects to the Green wire going to the MSD DIS Ignition. WIRING The Adapter has six wires that need to be connected. The chart shows each wire's application. Figure 2 shows how to wire the Adapter to the DIS ignitions. PN 89121 PN 89121 Note: The procedure shown in Figure 2 will be performed twice for each DIS-4 Ignition PN 62152 (or H.O. PN 62153). Figure 2 Installation to an MSD DIS-4 Ignition. Figure 1 FIRING DIS-4 BOX ORDER A OR B 1 A 1 3 B 1 7 A 2 2 B 2 6 A 3 5 B 3 4 A 4 8 B 4 CHANNEL |
유사한 부품 번호 - 88813 |
|
유사한 설명 - 88813 |