| 전자부품 데이터시트 검색엔진 |
|
TL321I 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL321I 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 4 page ![]() TL321C, TL321I OPERATIONAL AMPLIFIERS POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2 schematic INPUT IN+ NONINVERTING INPUT IN– INVERTING GND OUTPUT Current Regulator ≈ 6-µA Current Regulator ≈ 6-µA Current Regulator ≈ 100-µA Current Regulator ≈ 50-µA VCC absolute maximum ratings over operating free-air temperature range (unless otherwise noted) Supply voltage, VCC (see Note 1) 32 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage (see Note 2) ±32 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range (either input) – 0.3 V to 32 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of output short circuit to ground at (or below) 25 °C free-air temperature (VCC ≤ 15 V) (see Note 3) Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: TL321C 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL321I – 25 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NOTES: 1. All voltage values, except differential voltages, are with respect to the network ground terminal. 2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal. 3. Short circuits from the output to VCC can cause excessive heating and eventual destruction. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING D 680 mW 5.8 mW/ °C 33 °C 464 mW 377 mW P 680 mW 8.0 mW/ °C 65 °C 640 mW 520 mW recommended operating conditions MIN NOM MAX UNIT Single supply voltage, VCC 5 30 V Dual supply voltage, VCC+ 2.5 15 V Dual supply voltage, VCC– – 2.5 –15 V |