전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX28AC75-I/SS 데이터시트(PDF) 15 Page - List of Unclassifed Manufacturers

부품명 SX28AC75-I/SS
상세설명  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/SS 데이터시트(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/SS Datasheet HTML 11Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 12Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 13Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 14Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 15Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 16Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 17Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 18Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 15 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
6.0
MEMORY ORGANIZATION
6.1
Program Memory
The program memory is organized as 2K, 12-bit wide
words. The program memory words are addressed
sequentially by a binary program counter. The program
counter starts at zero. If there is no branch operation, it
will increment to the maximum value possible for the
device and roll over and begin again.
Internally, the program memory has a semi-transparent
page structure. A page is composed of 512 contiguous
program memory words. The lower nine bits of the pro-
gram counter are zeros at the first address of a page and
ones at the last address of a page. This page structure
has no effect on the program counter. The program
counter will freely increment through the page bound-
aries.
6.1.1 Program Counter
The program counter contains the 11-bit address of the
instruction to be executed. The lower eight bits of the pro-
gram counter are contained in the PC register (02h) while
the upper bits come from the upper three bits of the STA-
TUS register (PA0, PA1, PA2). This is necessary to cause
jumps and subroutine calls
across program memory
page boundaries. Prior to the execution of a branch oper-
ation, the user program must initialize the upper bits of
the STATUS register to cause a branch to the desired
page. An alternative method is to use the PAGE instruc-
tion, which automatically causes branch to the desired
page, based on the value specified in the operand field.
Upon reset, the program counter is initialized with 07FFh.
6.1.2 Subroutine Stack
The subroutine stack consists of eight 11-bit save regis-
ters. A physical transfer of register contents from the pro-
gram counter to the stack or vice versa, and within the
stack, occurs on all operations affecting the stack, prima-
rily calls and returns. The stack is physically and logically
separate from data RAM. The program cannot read or
write the stack.
6.2
Data Memory
The data memory consists of 136 bytes of RAM, orga-
nized as eight banks of 16 registers plus eight registers
which are not banked. Both banked and non-banked
memory locations can be addressed directly or indirectly
using the FSR (File Select Register). The special-func-
tion registers are mapped into the data memory.
6.2.1 File Select Register (04h)
Instructions that specify a register as the operand can
only express five bits of register address. This means
that only registers 00h to 1Fh can be accessed. The File
Select Register (FSR) provides the ability to access reg-
isters beyond 1Fh.
Figure 6-1 shows how FSR can be used to address RAM
locations. The three high-order bits of FSR select one of
eight SRAM banks to be accessed. The five low-order
bits select one of 32 SRAM locations within the selected
bank. For the lower 16 addresses, Bank 0 is always
accessed, irrespective of the three high-order bits. Thus,
RAM register addresses 00h through 0Fh are “global” in
that they can always be accessed, regardless of the con-
tents of the FSR.
The entire data memory (including the dedicated-function
registers) consists of the lower 16 bytes of Bank 0 and
the upper 16 bytes of Bank 0 through Bank 7, for a total
of (1+8)*16 = 144 bytes. Eight of these bytes are for the
function registers, leaving 136 general-purpose memory
locations. In the 18-pin SX packages, register RC is not
used, which makes address 07h available as an addi-
tional general-purpose memory location.
Below is an example of how to write to register 10h in
Bank 4:
mov
FSR,#$90
;Select Bank 4 by
;setting FSR<7:5>
mov
$10,#$64
;load register 10h with
;the literal 64h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com