전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C188EB 데이터시트(PDF) 47 Page - Intel Corporation

부품명 80C188EB
상세설명  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB 데이터시트(HTML) 47 Page - Intel Corporation

Back Button 80C188EB Datasheet HTML 43Page - Intel Corporation 80C188EB Datasheet HTML 44Page - Intel Corporation 80C188EB Datasheet HTML 45Page - Intel Corporation 80C188EB Datasheet HTML 46Page - Intel Corporation 80C188EB Datasheet HTML 47Page - Intel Corporation 80C188EB Datasheet HTML 48Page - Intel Corporation 80C188EB Datasheet HTML 49Page - Intel Corporation 80C188EB Datasheet HTML 50Page - Intel Corporation 80C188EB Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
272433 – 20
NOTE
The address driven is typically the location of the next instruction prefetch Under a majority of instruction sequences the
AD150 (AD70) bus will float while the A1916 (A198) bus remains driven and all bus control signals are driven to their
inactive state
Pin names in parentheses apply to 80C188EB80L188EB
Figure 19 Halt Cycle Waveforms
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59