| 전자부품 데이터시트 검색엔진 |
|
P87C51RB2FN 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C51RB2FN 데이터시트(HTML) 7 Page - NXP Semiconductors |
|
7 / 67 page ![]() Philips Semiconductors Product data P87C51RA2/RB2/RC2/RD2 80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 2003 Jan 24 7 PIN DESCRIPTIONS MNEMONIC PIN NUMBER TYPE NAME AND FUNCTION MNEMONIC PDIP PLCC LQFP TYPE NAME AND FUNCTION VSS 20 22 16 I Ground: 0 V reference. VCC 40 44 38 I Power Supply: This is the power supply voltage for normal, idle, and power-down operation. P0.0–0.7 39–32 43–36 37–30 I/O Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them float and can be used as high-impedance inputs. Port 0 is also the multiplexed low-order address and data bus during accesses to external program and data memory. In this application, it uses strong internal pull-ups when emitting 1s. P1.0–P1.7 1–8 2–9 40–44, 1–3 I/O Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins. Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 1 pins that are externally pulled low will source current because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Alternate functions for P87C51RA2/RB2/RC2/RD2 Port 1 include: 1 2 40 I/O T2 (P1.0): Timer/Counter 2 external count input/Clockout (see Programmable Clock-Out) 2 3 41 I T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control 3 4 42 I ECI (P1.2): External Clock Input to the PCA 4 5 43 I/O CEX0 (P1.3): Capture/Compare External I/O for PCA module 0 5 6 44 I/O CEX1 (P1.4): Capture/Compare External I/O for PCA module 1 6 7 1 I/O CEX2 (P1.5): Capture/Compare External I/O for PCA module 2 7 8 2 I/O CEX3 (P1.6): Capture/Compare External I/O for PCA module 3 8 9 3 I/O CEX4 (P1.7): Capture/Compare External I/O for PCA module 4 P2.0–P2.7 21–28 24–31 18–25 I/O Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 2 pins that are externally being pulled low will source current because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits the high-order address byte during fetches from external program memory and during accesses to external data memory that use 16-bit addresses (MOVX @DPTR). In this application, it uses strong internal pull-ups when emitting 1s. During accesses to external data memory that use 8-bit addresses (MOV @Ri), port 2 emits the contents of the P2 special function register. P3.0–P3.7 10–17 11, 13–19 5, 7–13 I/O Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 3 pins that are externally being pulled low will source current because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves the special features of the P87C51RA2/RB2/RC2/RD2, as listed below: 10 11 5 I RxD (P3.0): Serial input port 11 13 7 O TxD (P3.1): Serial output port 12 14 8 I INT0 (P3.2): External interrupt 13 15 9 I INT1 (P3.3): External interrupt 14 16 10 I T0 (P3.4): Timer 0 external input 15 17 11 I T1 (P3.5): Timer 1 external input 16 18 12 O WR (P3.6): External data memory write strobe 17 19 13 O RD (P3.7): External data memory read strobe RST 9 10 4 I Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device. An internal resistor to VSS permits a power-on reset using only an external capacitor to VCC. ALE 30 33 27 O Address Latch Enable: Output pulse for latching the low byte of the address during an access to external memory. In normal operation, ALE is emitted twice every machine cycle, and can be used for external timing or clocking. Note that one ALE pulse is skipped during each access to external data memory. ALE can be disabled by setting SFR auxiliary.0. With this bit set, ALE will be active only during a MOVX instruction. |