| 전자부품 데이터시트 검색엔진 |
|
P83C366BDA 데이터시트(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C366BDA 데이터시트(HTML) 25 Page - NXP Semiconductors |
|
25 / 92 page ![]() 1999 Mar 10 25 Philips Semiconductors Product specification Microcontrollers for PAL/SECAM TV with OSD and VST P8xCx66 family 11.4 Interrupt Enable Register 0 (IEN0) Table 21 Interrupt Enable Register (SFR address A8H) Table 22 Description of IEN0 bits A logic 0 disables the interrupt; a logic 1 enables the interrupt. 11.5 Interrupt Enable Register 1 (IEN1) Table 23 Interrupt Enable Register (SFR address E8H) Table 24 Description of IEN1 bits Where EXx = 0, interrupt disabled. EXx = 1, interrupt enabled 76543210 EA − ES1 − ET1 EX1 ET0 EX0 BIT SYMBOL DESCRIPTION 7EA General enable/disable control. When EA = 0, no interrupt is enabled. When EA = 1, any individually enabled interrupt will be accepted. 6 − not used 5 ES1 enable I2C-bus SIO interrupt 4 − not used 3 ET1 enable Timer 1 interrupt 2 EX1 enable external interrupt 1 1 ET0 enable Timer 0 interrupt 0 EX0 enable external interrupt 0 76543210 EX9 − EX7 EX6 EX5 EX4 EX3 EX2 BIT SYMBOL DESCRIPTION 7 EX9 enable external interrupt 9 (P1.7 port line) 6 − not used 5 EX7 enable external interrupt 7 (VSYNC interrupt) 4 EX6 enable external interrupt 6 (P1.4 port line) 3 EX5 enable external interrupt 5 (P1.3 port line) 2 EX4 enable external interrupt 4 (P1.2 port line) 1 EX3 enable external interrupt 3 (P1.1 port line) 0 EX2 enable external interrupt 2 (P1.0 port line) |