전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85116 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 PCF85116
상세설명  Low power CMOS: maximum operating current 1.0 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 데이터시트(HTML) 3 Page - NXP Semiconductors

  PCF85116 Datasheet HTML 1Page - NXP Semiconductors PCF85116 Datasheet HTML 2Page - NXP Semiconductors PCF85116 Datasheet HTML 3Page - NXP Semiconductors PCF85116 Datasheet HTML 4Page - NXP Semiconductors PCF85116 Datasheet HTML 5Page - NXP Semiconductors PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Apr 02
3
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
1
FEATURES
• Low power CMOS:
– maximum operating current 1.0 mA
– maximum standby current 10
µA (at 5.5 V),
typical 4
µA
• Non-volatile storage of 16 kbits organized as eight
blocks of 256
× 8-bit each
• Single supply with full operation down to 2.7 V
• On-chip voltage multiplier
• Serial input/output I2C-bus (100 kbits/s standard-mode
and 400 kbits/s fast-mode)
• Write operations: multi byte write mode up to 32 bytes
• Write-protection input
• Read operations:
– sequential read
– random read
• Internal timer for writing (no external components)
• Power-on-reset
• High reliability by using redundant EEPROM cells
• Endurance: 1000000 Erase/Write (E/W) cycles at
Tamb =22 °C
• 20 years non-volatile data retention time (minimum)
• Pin and address compatible to the PCx85xxC-2 family
(see also Section 2.1)
• 2 kV ESD protection (Human Body model).
2
DESCRIPTION
The PCF85116-3 is an 16 kbits (2048
× 8-bit) floating gate
Electrically Erasable Programmable Read Only Memory
(EEPROM). By using redundant EEPROM cells it is fault
tolerant to single bit errors. In most cases multi bit errors
are also covered. This feature dramatically increases
reliability compared to conventional EEPROM memories.
Power consumption is low due to the full CMOS
technology used. The programming voltage is generated
on-chip, using a voltage multiplier.
As data bytes are received and transmitted via the serial
I2C-bus, a package using eight pins is sufficient. Only one
PCF85116-3 device is required to support all eight blocks
of 256
× 8-bit each.
Timing of the E/W cycle is carried out internally, thus no
external components are required. A write-protection input
at pin 7 (WP) allows disabling of write-commands from the
master by a hardware signal. When pin 7 is HIGH the data
bytes received will not be acknowledged by the
PCF85116-3 and the EEPROM contents are not changed.
2.1
Remark
The PCF85116-3 is pin and address compatible to the
PCx85xxC-2 family. The PCF85116-3 covers the whole
address space of 16 kbits; address inputs are no longer
needed. Therefore, pins 1 to 3 are not connected.
The write-protection input is at pin 7.
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
2.7
5.5
V
IDDR
supply current read
fSCL = 400 kHz; VDD = 5.5 V
−
1.0
mA
IDDW
supply current E/W
fSCL = 400 kHz; VDD = 5.5 V
−
1.0
mA
Istb
standby supply current
VDD = 2.7 V
−
6
µA
VDD = 5.5 V
−
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20