전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IR22141SS 데이터시트(PDF) 21 Page - International Rectifier

부품명 IR22141SS
상세설명  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IR22141SS 데이터시트(HTML) 21 Page - International Rectifier

Back Button IR22141SS Datasheet HTML 17Page - International Rectifier IR22141SS Datasheet HTML 18Page - International Rectifier IR22141SS Datasheet HTML 19Page - International Rectifier IR22141SS Datasheet HTML 20Page - International Rectifier IR22141SS Datasheet HTML 21Page - International Rectifier IR22141SS Datasheet HTML 22Page - International Rectifier IR22141SS Datasheet HTML 23Page - International Rectifier IR22141SS Datasheet HTML 24Page - International Rectifier IR22141SS Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
Sizing tips
Bootstrap supply
The V
BS voltage provides the supply to the high
side driver circuitry of the IR2214. This supply
sits on top of the V
S voltage and so it must be
floating.
The bootstrap method to generate V
BS supply
can be used with IR2214. The bootstrap supply
is formed by a diode and a capacitor connected
as in figure 19.
Figure 19:
bootstrap supply schematic
This method has the advantage of being simple
and low cost but may force some limitations on
duty-cycle and on-time since they are limited by
the requirement to refresh the charge in the boot-
strap capacitor.
Proper capacitor choice can reduce drastically
these limitations.
Bootstrap capacitor sizing
To size the bootstrap capacitor, the first step is
to establish the minimum voltage drop (
∆V
BS)
that we have to guarantee when the high side
IGBT is on.
bootstrap
diode
bootstrap
capacitor
VB
VS
VCC
HOP
HON
SSDH
DC+
bootstrap
resistor
COM
VCC
VBS
VF
VGE
VCEon
VFP
ILOAD
motor
Rboot
If V
GEmin is the minimum gate emitter voltage we
want to maintain, the voltage drop must be:
under the condition:
where V
CC is the IC voltage supply, VF is boot-
strap diode forward voltage, V
CEon is emitter-col-
lector voltage of low side IGBT and V
BSUV- is the
high-side supply undervoltage negative going
threshold.
Now we must consider the influencing factors
contributing V
BS to decrease:
- IGBT turn on required Gate charge (Q
G);
- IGBT gate-source leakage current (I
LK_GE);
- Floating section quiescent current (I
QBS);
- Floating section leakage current (I
LK)
- Bootstrap diode leakage current (I
LK_DIODE);
- Desat diode bias when on (I
DS- )
- Charge required by the internal level shifters
(Q
LS); typical 20nC
- Bootstrap capacitor leakage current (I
LK_CAP);
- High side on time (T
HON).
I
LK_CAP is only relevant when using an electrolytic
capacitor and can be ignored if other types of
capacitors are used. It is strongly recommend
using at least one low ESR ceramic capacitor
(paralleling electrolytic and low ESR ceramic
may result in an efficient solution).
Then we have:
CEon
GE
F
CC
BS
V
V
V
V
V
−
−
−
≤
∆
min
−
>
BSUV
GE
V
V
min
+
+
+
+
=
QBS
GE
LK
LS
G
TOT
I
I
Q
Q
Q
_
(
HON
DS
CAP
LK
DIODE
LK
LK
T
I
I
I
I
⋅
+
+
+
+
− )
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28