| 전자부품 데이터시트 검색엔진 |
|
ADA4610-1ARZ-R7 데이터시트(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4610-1ARZ-R7 데이터시트(HTML) 4 Page - Analog Devices |
|
4 / 25 page ![]() ADA4610-1/ADA4610-2/ADA4610-4 Data Sheet Rev. G | Page 4 of 25 Parameter Symbol Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE Slew Rate ±SR RL = 2 kΩ, AV = +1 Rising 151 21 V/µs Falling 151 46 V/µs Gain Bandwidth Product GBP VIN = 5 mV p-p, RL = 2 kΩ, AV = +100 15.4 MHz Unity-Gain Crossover UGC VIN = 5 mV p-p, RL = 2 kΩ,AV = +1 9.3 MHz Phase Margin φM 61 Degrees −3 dB Closed-Loop Bandwidth −3 dB AV = +1, VIN = 5 mV p-p 10.6 MHz Total Harmonic Distortion (THD) + Noise THD + N 1 kHz, AV = +1, RL = 2 kΩ, VIN = 1 V rms 0.00025 % NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.45 µV p-p Voltage Noise Density en f = 10 Hz 14 nV/√Hz f = 100 Hz 8.20 nV/√Hz f = 1 kHz 7.30 nV/√Hz f = 10 kHz 7.30 nV/√Hz 1 Guaranteed by design and characterization. ELECTRICAL CHARACTERISTICS VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS B Grade (ADA4610-1/ADA4610-2) 0.2 0.4 mV −40°C < TA < +125°C 0.8 mV A Grade 0.4 1 mV −40°C < TA < +125°C 1.8 mV Offset Voltage Drift ΔVOS/ΔT B Grade (ADA4610-1/ADA4610-2)1 0.5 4 µV/°C A Grade1 (SOIC, MSOP, LFSCP) 1 8 µV/°C A Grade1 (SOT-23) 1 12 µV/°C Input Bias Current IB 5 25 pA −40°C < TA < +125°C 1.50 nA Input Offset Current IOS 2 20 pA −40°C < TA < +125°C 0.25 nA Input Voltage Range −12.5 +12.5 V Common-Mode Rejection Ratio CMRR VCM = −12.5 V to +12.5 V 100 115 dB −40°C < TA < +125°C 96 dB Large Signal Voltage Gain AVO RL = 2 kΩ, VOUT = ±13.5 V ADA4610-2 104 107 dB −40°C < TA < +125°C 91 dB ADA4610-1/ADA4610-4 102 104 dB −40°C < TA < +125°C 86 dB Input Capacitance VCM = 0 V Differential 3.1 pF Common-Mode 4.8 pF Input Resistance VCM = 0 V >1013 Ω |