| 전자부품 데이터시트 검색엔진 |
|
ADA4091-2ARZ-R7 데이터시트(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4091-2ARZ-R7 데이터시트(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() Precision Micropower, OVP, RRIO Operational Amplifier Data Sheet ADA4091-2/ADA4091-4 Rev. H Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2008–2016 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Single-supply operation: 3.0 V to 30 V Wide input voltage range Rail-to-rail output swing Low supply current: 200 μA/amplifier Wide bandwidth: 1.2 MHz Slew rate: 0.46 V/μs Low offset voltage: 250 μV maximum No phase reversal Overvoltage protection (OVP) 25 V above/below supply rails at ±5 V 12 V above/below supply rails at ±15 V APPLICATIONS Industrial process control Battery-powered instrumentation Power supply control and protection Telecommunications Remote sensors Low voltage strain gage amplifiers DAC output amplifiers GENERAL DESCRIPTION The ADA4091-2 dual and ADA4091-4 quad are micropower, single-supply, 1.2 MHz bandwidth amplifiers featuring rail-to- rail inputs and outputs. They are guaranteed to operate from a +3.0 V to +30 V single supply as well as from ±1.5 V to ±15 V dual supplies. The ADA4091-2/ADA4091-4 features a unique input stage that allows the input voltage to exceed either supply safely without any phase reversal or latch-up; this is called overvoltage protection (OVP). Applications for these amplifiers include portable telecom- munications equipment, power supply control and protection, and interface for transducers with wide output ranges. Sensors requiring a rail-to-rail input amplifier include Hall effect, piezo- electric, and resistive transducers. The ability to swing rail-to-rail at both the input and output enables designers, for example, to build multistage filters in single-supply systems and to maintain high signal-to-noise ratios (SNR). The ADA4091-2/ADA4091-4 is specified over the extended indus- trial temperature range of −40°C to +125°C. The ADA4091-2/ ADA4091-4 is part of the growing selection of 36 V, low power operational amplifiers from Analog Devices, Inc., (see Table 1). PIN CONFIGURATIONS OUTA 1 –INA 2 +INA 3 –V 4 +V 8 OUTB 7 –INB 6 +INB 5 ADA4091-2 TOP VIEW (Not to Scale) Figure 1. 8-Lead, Narrow-Body SOIC (R-8) NOTES 1. IT IS RECOMMENDED TO CONNECT THE EXPOSED PAD TO V–. 3 +INA 4 –V 1 OUTA 2 –INA 6–INB 5+INB 8+V 7OUTB ADA4091-2 TOP VIEW (Not to Scale) Figure 2. 8-Lead LFCSP (CP-8-21) ADA4091-4 1 2 3 4 5 6 7 –INA +INA +V OUTB –INB +INB OUTA 14 13 12 11 10 9 8 –IND +IND –V OUTC –INC +INC OUTD TOP VIEW (Not to Scale) Figure 3. 14-Lead TSSOP (RU-14) 12 11 10 1 3 4 –IND +IND V– 9+INC –INA V+ 2 +INA +INB TOP VIEW ADA4091-4 NOTES 1. NC = NO CONNECT. 2. IT IS RECOMMENDED TO CONNECT THE EXPOSED PAD TO V–. Figure 4. 16-Lead LFCSP (CP-16-17) The ADA4091-2 is available in 8-lead, plastic SOIC and 8-lead LFCSP packages. The ADA4091-4 is available in 14–lead TSSOP and 16-lead LFCSP surface-mount packages. Table 1. Low Power, 36 V Operational Amplifiers Family Rail-to-Rail I/O PJFET Low Noise Single OP1177 Dual ADA4091-2 AD8682 OP2177 Quad ADA4091-4 AD8684 OP4177 |
유사한 부품 번호 - ADA4091-2ARZ-R7 |
|
유사한 설명 - ADA4091-2ARZ-R7 |