| 전자부품 데이터시트 검색엔진 |
|
MB95F616K 데이터시트(PDF) 34 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F616K 데이터시트(HTML) 34 Page - Cypress Semiconductor |
|
34 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 34 of 110 PRELIMINARY MB95610H Series 15.1.2 Block diagrams of port 0 ■ P00/INT00/AN00 pin This pin has the following peripheral functions: ❐ External interrupt circuit input pin (INT00) ❐ 8/10-bit A/D converter analog input pin (AN00) ■ P01/INT01/AN01 pin This pin has the following peripheral functions: ❐ External interrupt circuit input pin (INT01) ❐ 8/10-bit A/D converter analog input pin (AN01) ■ P02/INT02/AN02 pin This pin has the following peripheral functions: ❐ External interrupt circuit input pin (INT02) ❐ 8/10-bit A/D converter analog input pin (AN02) ■ P03/INT03/AN03 pin This pin has the following peripheral functions: ❐ External interrupt circuit input pin (INT03) ❐ 8/10-bit A/D converter analog input pin (AN03) ■ Block diagram of P00/INT00/AN00, P01/INT01/AN01, P02/INT02/AN02 and P03/INT03/AN03 ■ P04/SEG32 pin This pin has the following peripheral function: ❐ LCDC SEG32 output pin (SEG32) PDR0 Pin PDR0 read PDR0 write Executing bit manipulation instruction DDR0 read DDR0 write AIDRL read AIDRL write DDR0 AIDRL 0 1 Stop mode, watch mode (SPL = 1) Peripheral function input Peripheral function input enable (INT00, INT01, INT02 and INT03) A/D analog input |