| 전자부품 데이터시트 검색엔진 |
|
MB95650L 데이터시트(PDF) 20 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95650L 데이터시트(HTML) 20 Page - Cypress Semiconductor |
|
20 / 105 page ![]() Document Number: 002-04696 Rev. *A Page 20 of 105 MB95650L Series 10. Block Diagram Reset with LVD Dual operation Flash with security function (36/20/12/8 Kbyte) F2MC-8FX CPU RAM (1024/512/256 bytes) Oscillator circuit CR oscillator Clock control On-chip debug Wild register External interrupt LIN-UART 8/16-bit composite timer ch. 0 I2C bus interface ch. 0 8/16-bit composite timer ch. 1 8/12-bit A/D converter Port Port PF2*1/RST*2 PF0/X0*2 PF1/X1*2 PG1/X0A*2 PG2/X1A*2 P02/INT02 to P07/INT07 C (P02/SCK) (P03/SOT) (P04/SIN) (P00/AN00 to P05*3/AN05) (P12*1/DBG) (P05/TO00) (P06/TO01) (P04/EC0), P12*1/EC0 UART/SIO ch. 0 P17/UI0 P62/UCK0 P16/UO0 (P62*3/TO10), P62*3/TO10 P63*3/TO11 P64/EC1 P14*1/SDA0 P15*1/SCL0 I2C bus interface ch. 1 (P16/SDA1) (P17/SCL1) Vcc Vss *1: *2: *3: P12, P14, P15 and PF2 are N-ch open drain pins. Software select P05 to P07, P62 and P63 are high-current pins. Note: Pins in parentheses indicate that those pins are shared among different peripheral functions. |