| 전자부품 데이터시트 검색엔진 |
|
MB91F575B 데이터시트(PDF) 18 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F575B 데이터시트(HTML) 18 Page - Cypress Semiconductor |
|
18 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 18 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 33 P052 I General-Purpose I/O Port A20 External Bus Address Output pin COM2 LCDC Segment(Duty)Common Output pin OCU10_1 Output Compare Output pin ch.10 relocation 1 34 P053 I General-Purpose I/O Port A21 External Bus Address Output pin COM3 LCDC Segment(Duty)Common Output pin OCU11_1 Output Compare Output pin ch.11 relocation 1 35 P054 I2 General-Purpose I/O Port SYSCLK External Bus Clock Output pin V0 LCDC Reference Voltage V0 Input pin FRCK0_1 Free-Run Timer Clock Input pin ch.0 relocation 1 38 P055 I2 General-Purpose I/O Port CS2X External Bus Chip-Select 2 Output pin V1 LCDC Reference Voltage V1 Input pin FRCK1_1 Free-Run Timer Clock Input pin ch.1 relocation 1 39 P056 I2 General-Purpose I/O Port CS3X External Bus Chip-Select 3 Output pin V2 LCDC Reference Voltage V2 Input pin FRCK2_1 Free-Run Timer Clock Input pin ch.2 relocation 1 40 P057 I3 General-Purpose I/O Port (Input only. No output.) RDY External Bus RDY Input pin V3 LCDC Reference Voltage V3 Input pin FRCK3_1 Free-Run Timer Clock Input pin ch.3 relocation 1 43 P060 K General-Purpose I/O Port PWM1P0 SMC Output pin ch.0 AN8 ADC Analog Input pin ch.8 44 P061 K General-Purpose I/O Port PWM1M0 SMC Output pin ch.0 AN9 ADC Analog Input pin ch.9 SIN1_1 Multi-function Serial Input pin ch.1 relocation 1 45 P062 K General-Purpose I/O Port PWM2P0 SMC Output pin ch.0 AN10 ADC Analog Input pin ch.10 ZIN1_1 Up/down Counter ZIN Input pin ch.1 relocation 1 SOT1_1 Multi-function Serial Output pin ch.1 relocation 1 46 P063 K General-Purpose I/O Port PWM2M0 SMC Output pin ch.0 AN11 ADC Analog Input pin ch.11 BIN1_1 Up/down Counter BIN Input pin ch.1 relocation 1 SCK1_1 Multi-function Serial Clock I/O pin ch.1 relocation 1 |