| 전자부품 데이터시트 검색엔진 |
|
HPR 데이터시트(PDF) 3 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
HPR 데이터시트(HTML) 3 Page - ETAL Group |
|
3 / 4 page ![]() www.e-t-a.de 3 Hybrid Power Relay (HPR) 1630 5 Hybrid Power Relay (HPR) Configurator A programme for configuring the HPR10 is available on the E-T-A website. It allows selection of various functions and sets up the corresponding ordering code. http://relaisconfigurator.e-t-a.com/light/de/ Schematic diagram HPR10 hybrid (with electronic control unit) 88 +30 ON OFF CRTL INT -85 88a SENSE ON/OFF switching delay The relay features a timer function allowing delayed switch on or off of the load, e.g. for applications with exhaust aftertreatment (SCRT catalytic converters). This function allows delayed switch-on of the relay. The configured value indicates the time elapsing between activation and switch-on. Information: Thus the relay may for instance give time to other system components to carry out their start-up, probably attenuating the inrush current peak in the entire system. This function allows delayed switch-off of the relay. The configured value indicates the time elapsing between activation and switch-off. Information: An overrun is desired in many applications, e.g. to give some orientation with illuminations even after switch-off or to give a load enough time to complete the switch-off process. OFF delay (over run time) IN T OFF T OFF LOAD ON delay IN T ON T ON LOAD |