전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CYW43364 데이터시트(PDF) 2 Page - Cypress Semiconductor

부품명 CYW43364
상세설명  Single-band 2.4 GHz IEEE 802.11b/g/n
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43364 데이터시트(HTML) 2 Page - Cypress Semiconductor

  CYW43364 Datasheet HTML 1Page - Cypress Semiconductor CYW43364 Datasheet HTML 2Page - Cypress Semiconductor CYW43364 Datasheet HTML 3Page - Cypress Semiconductor CYW43364 Datasheet HTML 4Page - Cypress Semiconductor CYW43364 Datasheet HTML 5Page - Cypress Semiconductor CYW43364 Datasheet HTML 6Page - Cypress Semiconductor CYW43364 Datasheet HTML 7Page - Cypress Semiconductor CYW43364 Datasheet HTML 8Page - Cypress Semiconductor CYW43364 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
PRELIMINARY
CYW43364
Document Number: 002-14781 Rev. *C
Page 2 of 68
Features
IEEE 802.11x Key Features
■ Single-band 2.4 GHz IEEE 802.11b/g/n.
■ Support for 2.4 GHz Cypress TurboQAM® data rates (256-
QAM) and 20 MHz channel bandwidth.
■ Integrated iTR switch supports a single 2.4 GHz antenna.
■ Supports explicit IEEE 802.11n transmit beamforming.
■ Tx and Rx low-density parity check (LDPC) support for
improved range and power efficiency.
■ Supports standard SDIO v2.0 and gSPI host interfaces.
■ Supports space-time block coding (STBC) in the receiver.
■ Integrated ARM Cortex-M3 processor and on-chip memory for
complete WLAN subsystem functionality, minimizing the need
to wake up the applications processor for standard WLAN
functions. This allows for further minimization of power
consumption, while maintaining the ability to field-upgrade with
future features. On-chip memory includes 512 KB SRAM and
640 KB ROM.
■ OneDriver™ software architecture for easy migration from
existing embedded WLAN.
General Features
■ Support diversity antenna.
■ Supports a battery voltage range from 3.0V to 4.8V with an
internal switching regulator.
■ Programmable dynamic power management.
■ 4 Kbit one-time programmable (OTP) memory for storing board
parameters.
■ Can be routed on low-cost 1-x-1 PCB stack-ups.
■ 74-ball WLBGA package (4.87 mm × 2.87 mm, 0.4 mm pitch).
■ Security:
❐ WPA and WPA2 (Personal) support for powerful encryption
and authentication.
❐ AES in WLAN hardware for faster data encryption and IEEE
802.11i compatibility.
❐ Reference WLAN subsystem provides Cisco Compatible Ex-
tensions (CCX, CCX 2.0, CCX 3.0, CCX 4.0, CCX 5.0).
❐ Reference WLAN subsystem provides Wi-Fi protected setup
(WPS).
■ Worldwide regulatory support: Global products supported with
worldwide homologated design.
IoT Resources
Cypress provides a wealth of data at http://www.cypress.com/internet-things-iot to help you to select the right IoT device for your
design, and quickly and effectively integrate the device into your design. Cypress provides customer access to a wide range of
information, including technical documentation, schematic diagrams, product bill of materials, PCB layout information, and software
updates. Customers can acquire technical documentation and software from the Cypress Support Community website
(http://community.cypress.com/).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68