전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F439SPF 데이터시트(PDF) 39 Page - Cypress Semiconductor

부품명 MB90F439SPF
상세설명  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F439SPF 데이터시트(HTML) 39 Page - Cypress Semiconductor

Back Button MB90F439SPF Datasheet HTML 35Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 36Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 37Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 38Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 39Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 40Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 41Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 42Page - Cypress Semiconductor MB90F439SPF Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MB90435 Series
38
DS07-13727-2E
(4) Power On Reset
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
* : VCC must be kept lower than 0.2 V before power-on.
Notes :
• The above values are used for creating a power-on reset.
• Some registers in the device are initialized only upon a power-on reset. To initialize these register, turn on
the power supply using the above values.
Parameter
Symbol
Pin
name
Condition
Value
Units
Remarks
Min
Max
Power on rise time
tR
VCC
⎯
0.05
30
ms
*
Power off time
tOFF
VCC
50
⎯
ms
Due to repetitive operation
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
RAM data being held
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recommended to
raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the voltage drop is
1 V or fewer per second, however, you can use the PLL clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com