| 전자부품 데이터시트 검색엔진 |
|
P9235A-RNDGI8 데이터시트(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9235A-RNDGI8 데이터시트(HTML) 4 Page - Integrated Device Technology |
|
4 / 23 page ![]() P9235A-R Datasheet © 2016 Integrated Device Technology, Inc 4 May 17, 2016 Table 5. Device Characteristic (Continued) VIN = 5 V, VDDIO = 3.3 V, EN ¯¯ = 0V, LP = 6.5 µH, CP = 400 nF TA = -40C to +85C. Typical values are at 25°C, unless otherwise noted. Symbol Description Conditions/Notes Min Typical Max Units Clock Oscillators FLSOSC Low speed clock 50 kHz FCLOCK OSC clock frequency 6 MHz FCENTER2 PLL VCO frequency 120 MHz General Purpose Inputs/Outputs (GPIO) VIH Input high voltage 0.7*VDDIO V VIL Input low voltage 0.3*VDDIO V ILKG Leakage Current -1.0 1 .0 µA VOH Output logic high I=8mA 2.4 V VOL Output logic low I=8mA 0.5 V SCL, SDA (I2C Interface) fSCL_MSTR Clock Frequency As I2C master 400 kHz fSCL_SLV Clock Frequency As I2C slave 400 kHz CB Capacitive load For each bus line 100 pF CBIN SCL, SDA Input Capacitance 5.0 pF ILKG Leakage Current 1.0 1.0 µA NOTES: 1. Do not externally load. For internal biasing only. 2. Guaranteed by design and not subject to 100% production testing |