전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADA4895-2ARM-EBZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADA4895-2ARM-EBZ
상세설명  Low Power, 1 nV/?숰z, G ??10 Stable, Railto- Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADA4895-2ARM-EBZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADA4895-2ARM-EBZ Datasheet HTML 7Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 8Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 9Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 10Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 11Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 12Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 13Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 14Page - Analog Devices ADA4895-2ARM-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4895-1/ADA4895-2
–10
–8
–6
–4
–2
0
2
4
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
ADA4895-1, SOIC
ADA4895-2, MSOP
ADA4895-1, SOT-23
Figure 14. Small Signal Frequency Response vs. Package
–10
–8
–6
–4
–2
0
2
4
6
0.1
1
10
100
1000
FREQUENCY (MHz)
CL = 6pF
VOUT = 200mV p-p
CL = 3pF
CL = 0pF
Figure 15. Small Signal Frequency Response vs. Capacitive Load
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
FREQUENCY (MHz)
HD3, RL = 1kΩ
HD2, RL = 100Ω
HD2, RL = 1kΩ
HD3, RL = 100Ω
VOUT = 2V p-p
Figure 16. Harmonic Distortion vs. Frequency for Various Loads
–10
–8
–6
–4
–2
0
2
4
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
ADA4895-2, MSOP
ADA4895-1, SOIC
ADA4895-1, SOT-23
Figure 17. Large Signal Frequency Response vs. Package
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
GAIN
PHASE
–240
–220
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
Figure 18. Open-Loop Gain and Phase vs. Frequency
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
FREQUENCY (MHz)
VS = ±5V
VS = ±2.5V
VS = ±1.5V
HD3
HD2
VS = ±5V
VS = ±2.5V
VS = ±1.5V
VOUT = 2V p-p
Figure 19. Harmonic Distortion vs. Frequency for Various Supplies
Rev. B | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com