전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5592R 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD5592R
상세설명  Control and monitoring
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5592R 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD5592R Datasheet HTML 9Page - Analog Devices AD5592R Datasheet HTML 10Page - Analog Devices AD5592R Datasheet HTML 11Page - Analog Devices AD5592R Datasheet HTML 12Page - Analog Devices AD5592R Datasheet HTML 13Page - Analog Devices AD5592R Datasheet HTML 14Page - Analog Devices AD5592R Datasheet HTML 15Page - Analog Devices AD5592R Datasheet HTML 16Page - Analog Devices AD5592R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Data Sheet
AD5592R
Rev. C | Page 13 of 42
Figure 8. AD5592R-1 16-Lead LFCSP Pin Configuration
Table 10. AD5592R-1 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. The AD5592R-1 operates from 2.7 V to 5.5 V, and this pin must be decoupled with a
0.1 µF capacitor to GND.
2 to 5, 8 to 10
I/O0 to I/O6
Input/Output 0 Through Input/Output 6. These pins can be independently configured as DACs, ADCs,
or general-purpose digital inputs or outputs. The function of each pin is determined by programming
the I/Ox pin configuration registers (see Table 15 and Table 16).
6
VREF
Reference Input/Output. When the internal reference is enabled, the 2.5 V reference voltage is available
on this pin. A 0.1 µF capacitor connected from the VREF pin to GND is recommended to achieve the
specified performance from the AD5592R-1. When the internal reference is disabled, an external
reference must be applied to this pin. The voltage range for the external reference is 1 V to VDD.
7
SDO
Data Out. Logic output. The conversion results from the ADC, register reads, and temperature sensor
information are provided on this output as a serial data stream. The bits are clocked out on the rising
edge of the SCLK input. The MSB is placed on the SDO pin on the falling edge of SYNC. Because the
SCLK can idle high or low, the next bit is clocked out on the first rising edge of SCLK that follows a
falling edge SCLK while SYNC is low (see Figure 4).
11
I/O7
Input/Output 7. This pin can be configured as a DAC, ADC, or general-purpose digital input or output.
The function of this pin is determined by programming the I/Ox pin configuration registers (see Table 15 and
Table 16). I/O7 can also be configured as a BUSY signal to indicate when an ADC conversion is taking
place (see Table 30 and Table 31).
12
GND
Ground Reference Point for All Circuitry on the AD5592R-1.
13
SDI
Data In. Logic input. Data to be written to the DACs and control registers is provided on this input and is
clocked into the register on the falling edge of SCLK.
14
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates of up to 50 MHz when writing to the DACs. SCLK has a maximum
speed of 20 MHz when performing a conversion or clocking data from the AD5592R-1.
15
VLOGIC
Interface Power Supply. The voltage of this pin ranges from 1.8 V to 5.5 V.
16
SYNC
Synchronization. Active low control input. SYNC is the frame synchronization signal for the input data.
When SYNC goes low, data is transferred in on the falling edges of the next 16 clocks.
GND
I/O7
I/O6
I/O5
VDD
I/O1
I/O0
I/O2
TOP VIEW
(Not to Scale)
AD5592R-1
12
11
10
1
3
4
9
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com