전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADRF6820 데이터시트(PDF) 39 Page - Analog Devices

부품명 ADRF6820
상세설명  Internal LO frequency range
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADRF6820 데이터시트(HTML) 39 Page - Analog Devices

Back Button ADRF6820 Datasheet HTML 35Page - Analog Devices ADRF6820 Datasheet HTML 36Page - Analog Devices ADRF6820 Datasheet HTML 37Page - Analog Devices ADRF6820 Datasheet HTML 38Page - Analog Devices ADRF6820 Datasheet HTML 39Page - Analog Devices ADRF6820 Datasheet HTML 40Page - Analog Devices ADRF6820 Datasheet HTML 41Page - Analog Devices ADRF6820 Datasheet HTML 42Page - Analog Devices ADRF6820 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
ADRF6820
Rev. C | Page 39 of 45
Address: 0x32, Reset: 0x0900, Name: MOD_CTL0
Table 30. Bit Descriptions for MOD_CTL0
Bits
Bit Name
Settings
Description
Reset
Access
[11:10]
POLQ
Quadrature polarity switch, Q channel
0x2
RW
01
Invert Q channel polarity
10
Normal polarity
[9:8]
POLI
Quadrature polarity switch, I channel
0x1
RW
01
Normal polarity
10
Invert I channel
[7:4]
QLO
Upper side band nulling, Q channel
0x0
RW
[3:0]
ILO
Upper side band nulling, I channel
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45