| 전자부품 데이터시트 검색엔진 |
|
AD9142ABCPZRL 데이터시트(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9142ABCPZRL 데이터시트(HTML) 8 Page - Analog Devices |
|
8 / 73 page ![]() Data Sheet AD9142A Parameter Test Conditions/Comments Min Typ Max Unit 8× Mode fDAC = 1600 MSPS NCO OFF 1350 mW NCO ON 1984 mW Phase-Lock Loop (PLL) 70 mW Inverse Sinc fDAC = 1474.56 MSPS 113 mW Reduced Power Mode (Power-Down) 96.6 mW AVDD33 1.5 mA CVDD18 42.3 mA DVDD18 8.6 mA OPERATING RANGE −40 +25 +85 °C 1 This term specifies the maximum allowable variation of DVDD18 over operating conditions compared with the DVDD18 presented to the device at the time the data interface DLL is enabled. Rev. A | Page 7 of 72 |