전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSP-CM403F 데이터시트(PDF) 59 Page - Analog Devices

부품명 ADSP-CM403F
상세설명  Analog Devices
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM403F 데이터시트(HTML) 59 Page - Analog Devices

Back Button ADSP-CM403F Datasheet HTML 55Page - Analog Devices ADSP-CM403F Datasheet HTML 56Page - Analog Devices ADSP-CM403F Datasheet HTML 57Page - Analog Devices ADSP-CM403F Datasheet HTML 58Page - Analog Devices ADSP-CM403F Datasheet HTML 59Page - Analog Devices ADSP-CM403F Datasheet HTML 60Page - Analog Devices ADSP-CM403F Datasheet HTML 61Page - Analog Devices ADSP-CM403F Datasheet HTML 62Page - Analog Devices ADSP-CM403F Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
ADSP-CM403F EZ-KIT Lite Evaluation System Manual
A-3
ADSP-CM403F EZ-KIT Lite Bill Of Materials
22
1
10UF 6.3V 20% 0402
C15
DIGI-KEY
445-8920-1-ND
23
1
STD2805T4
TO228P972X240-3N
Q1
DIGI-KEY
497-7465-1-ND
24
7
IDC 2PIN_JUMPER_
SHORT
SJ1-SJ7
DIGI-KEY
S9001-ND
25
1
PWR .65MM CON045
P7
DIGI-KEY
CP1-023-ND
26
1
1K 1/10W 5% 0603
R20
DIGI-KEY
311-1.0KGRTR-ND
27
1
4700PF 16V 10% 0603
C70
DIGI-KEY
311-1083-2-ND
28
2
100 1/16W 5% 0402
R95,R96
DIGI-KEY
311-100JRTR-ND
29
6
330.0 1/16W 1% 0402
R28,R77-R80,
R91
DIGI-KEY
541-330LCT-ND
30
6
IDC 2X1 IDC2X1
JP1,JP2,P3-P6
FCI
90726-402HLF
31
2
IDC 3X1 IDC3X1
JP3,JP4
FCI
90726-403HLF
32
1
IDT74FCT3244APY
SSOP20
U5
IDT
IDT74FCT3244APYG
33
1
TEST LOOP LOOP_
2838
GP1
KEYSTONE
5016
34
3
0 1/4W 5% 1206
R15,R21,R13
8
KOA
0.0ECTRk7372BTTED
35
1
IDC 10X2 TE_
5103308-5
P1
MOUSER
571-5103308-5
36
7
10UF 6.3V 20% 0603
C9,C10,C18,
C24,C31,C32
,C41
MULTICOMP
MCCA000517
37
1
190 100MHZ 5A
FER002
FER3
MURATA
DLW5BSN191SQ2
38
1
DB9 9PIN CON038
J1
NORCOMP
191-009-213-L-571
39
1
GTL2002 TSSOP8
U24
NPX
GTL2002DP,118
Ref.
Qty
Description
Reference
Designator
Manufacturer
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com