| 전자부품 데이터시트 검색엔진 |
|
SSD1815Z 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1815Z 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 35 page ![]() SSD1815 10 REV 1.5 03/2000 SOLOMON Graphic Display Data RAM (GDDRAM) The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is 132 X 65= 8580 bits. Figure 5 is a description of the GDDRAM address map. For mechanical flexibility, re-mapping on both Segment and Common outputs can be selected by software. For vertical scrolling of display, an internal reg- ister storing the display start line can be set to control the portion of the RAM data to be mapped to the display. Figure 5 shows the case in which the display start line register is set to 38h. Page 7 Page 6 Page 5 Page 4 Page 3 Page 2 Page 1 Page 0 LSB MSB LSB MSB LSB MSB MSB LSB MSB LSB MSB LSB MSB LSB MSB [D7] LSB [D0] 38H COM0 (COM63) COM7 (COM56) ICONS COM63 (COM0) COM8 (COM55) SEG0 SEG131 Note: The configuration in parentheses represent the remapped values of Rows and Columns Figure 5. Graphic Display Data RAM (GDDRAM) Address Map (with display start line at 38H) For 132 X 64 Graphic Display Mode with separated Icon Line Page 8 (LSB) Column address 00H (83H) Column address 83H (00H) |