전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2813 데이터시트(PDF) 3 Page - Active-Semi, Inc

부품명 ACT2813
상세설명  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813 데이터시트(HTML) 3 Page - Active-Semi, Inc

  ACT2813_15 Datasheet HTML 1Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 2Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 3Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 4Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 5Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 6Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 7Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 8Page - Active-Semi, Inc ACT2813_15 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
LED1
Battery level indicator. An internal 3.5mA sink current limit is built in.
2
ICST
Fast charge current setting pin. Connect a resistor from this pin to AGND to set the
charge current. The current setting ranges from 1.0A-3.0A.
3
IOST
Output current setting. Connect a resistor from this pin to AGND to set output constant
current. The current setting ranges from 1.0A-3.0A.
4
CSP
Positive terminal of charge current sense input. Kevin sense is required with 10nF
ceramic capacitor right across CSP and CSN pins.
5
VBAT/CSN
Battery input and negative terminal of charge current sense input. Connected to the
battery pack positive terminal to provide power in High-Z mode. Bypass to PGND with
a high quality ceramic capacitor placed as close to the IC as possible.
6
PGND
Power ground. PGND is connected to the source of low-side N-channel MOSFET and
the MOSFET’s gate driver. PGND must be connected to AGND externally through
ground plane.
7, 8
SW
Internal switch to output inductor terminal.
9
VOUT
Output pin. Bypass to PGND with a high quality low ESR and ESL ceramic capacitor
placed as close to the IC as possible.
10
VIN
USB or AC adaptor input. When VIN is valid, charge and power path is enabled.
11
AGND
Analog ground. AGND must be connected to PGND externally through ground plane.
12
nPG
Drive external P-FET to protect output short circuit and leakage during shutdown. nPG
pin is pulled up to VOUT internally. nPG pin is pulled low if VOUT is in the range.
13
PB
Push button input, connect a push button from this pin to AGND, internally pulled up
by a 3MΩ resistor to battery. PB starts up boost converter if HZ pin is grounded and
VIN is not present. When this pin is pushed for 30ms, LED1-4 indicators are enable for
5 seconds.
14
HZ
Boost/high-Z mode enable pin, internally pulled up by a 3MΩ resistor to battery. When
HZ pin is pulled ground, boost is enabled if VIN is not present.
15
TH/FLD
TH: ACT2813
Temperature sensing input. Connect to battery thermistor terminal. If no use, put 10K
pulled down resistor.
FLD: ACT2813C
Open-drain flashlight driver. A internal switch can handle up to 50mA.
16
BLVS
Battery level voltage shift. Connect a resistor from this pin to AGND to shift the battery
LED indication thresholds.
17
RIMC
Battery impendence compensation input. Connect to a resistor from this pin to APNG
to program the battery impedance.
18
LED4
Battery level indicator. An internal 3.5mA sink current limit is built in.
19
LED3
Battery level indicator. An internal 3.5mA sink current limit is built in.
20
LED2
Battery level indicator. An internal 3.5mA sink current limit is built in.
21
EP
Exposed pad. Must be soldered to ground on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23